Part Number Hot Search : 
SSM3J130 BA6377K RS3BB SF1A600H HMBT4125 2102A D2007 164H10
Product Description
Full Text Search
 

To Download REC30-4815SRWB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

30W 2"x 2" Package (50.8x50.8x21.0mm) 1kVDC Isolation Wide Input 2:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection No External Components Required Six-Side Shielded Case 100% Burned In Industry Standard Package Remote ON/OFF and Trim Efficiency to 85%
ECONOLINE
DC/DC-Converter
REC30S_DRWB Series
30 Watt 2" x 2" Single & Dual Output
Selection Guide
Part Number 2" x 2" REC30-1205SRWB REC30-1212SRWB REC30-1215SRWB REC30-2405SRWB REC30-2412SRWB REC30-2415SRWB REC30-4805SRWB REC30-4812SRWB REC30-4815SRWB REC30-1205DRWB REC30-1212DRWB REC30-1215DRWB REC30-2405DRWB REC30-2412DRWB REC30-2415DRWB REC30-4805DRWB REC30-4812DRWB REC30-4815DRWB Input Voltage (VDC) 9-18 9-18 9-18 18-36 18-36 18-36 36-72 36-72 36-72 9-18 9-18 9-18 18-36 18-36 18-36 36-72 36-72 36-72 Output Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 Output Current (mA) 5.000 2.500 2.000 5.000 2.500 2.000 5.000 2.500 2.000 2.500 1.250 1.000 2.500 1.250 1.000 2.500 1.250 1.000 Input Current1) (mA) Full Load 2.637 3.086 3096 1.302 1.470 1.470 651 762 762 2.637 3.125 3.125 1.302 1.470 1.470 651 762 762 No Load 40 40 38 20 18 18 10 9 9 40 40 38 20 18 18 10 9 9 Efficiency2) (%) 79 81 81 80 85 85 80 82 82 79 80 80 80 85 85 80 82 82
Notes:
1 at Nominal Input Voltage. 2 at Nominal Input Voltage and Full Load.
120
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) Load Regulation (for output load current change from 20% to 100%) Over Voltage Protection External Trim Adjustment Range Ripple and Noise (0,1F capacitor on output, 20MHz BW) Switching Frequency at Full Load Input Filter Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Package Weight MTBF (+25C) (+71C) MSL Level 1 (tested for 1 second) (long term isolation)
REC30-S_DRWB Series
2:1 2% max. 0.2% max. 0.2% max. Built-In 10% 100mVp-p max. 100kHz typ. Pi Network 75% min. 1.000VDC min. see Application Notes 2500pF max. 1 G min. Continuous -25C to +71C (see Graph) -55C to +100C 95% RH Six-Side Shielded Case 110 g
Output Power (%)
Derating-Graph
(Ambient Temperature)
120 100 80 60 40 20 0
Safe Operating Area
-25
0
25
50
Operating Temperature (C)
75 71
100
}
Detailed Information see using MIL-HDBK 217F Application Notes chapter "MTBF" using MIL-HDBK 217F
700 x 10 hours 560 x 103hours
3
Simplified Schematic
Single Output
+Vin
+Vout
-Vout
-Vin PWM Controller Isolation Reference & Error AMP
Dual Output
+Vin
+Vout
Com
-Vout
-Vin PWM Controller Isolation Reference & Error AMP
www.recom-international.com
April-2005
121
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC30-S_DRWB Series
Dual Output
Single Output
Fixed Voltage Output
Input 4 +Vin
+Vout
Output 6 Load
Input 4 +Vin
+Vout Com
Output 5 Load Load
DC/DC Converter Trim 8 3 Vin Vout 7
6 DC/DC Converter Trim 8 3 Vin Vout 7
Trim Connections Using a Trimpot
Input 4 +Vin
+Vout
Output 6 Trim Down 20 kW Trim Up Load
Input 4 +Vin
+Vout Com
Output 5 Trim Down 20 kW Trim Up Load Load
DC/DC Converter Trim 8 3 Vin Vout 7
6 DC/DC Converter Trim 8 3 Vin Vout 7
Fixed-Value Trim Down Resistor
Input 4 +Vin
+Vout
Output 6 8 7 Trim Down Load
Input 4 +Vin
+Vout Com
Output 5 6 8 7 Trim Down Load Load
DC/DC Converter Trim 3 Vin Vout
DC/DC Converter Trim 3 Vin
Vout
Fixed-Value Trim Up Resistor
Input 4 +Vin +Vout 6
Output
Input 4 Load +Vin DC/DC Converter 3 Vin +Vout Com Trim Vout 5 6 8 7
Output Load Load
DC/DC Converter Trim 8 3 Vin Vout 7 Trim Up
Trim Up
122
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC30-S_DRWB Series
REC30 - types
Efficiency / Load
100 80 60 40
Efficiency %
20 0
40% 20% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm) 2" x 2" , Wide Input 2:1
3rd angle projection
2" x 2" PIN Package
50.80 50.80
21.00
Side View
5.80 30.48 45.72
Recommended Footprint Details
Pin Connections Pin # 1 3 4 5 6 7 Single Remote On/Off -Vin +Vin No Pin + Vout - Vout Trim Dual Remote On/Off -Vin +Vin + Vout Com - Vout Trim
5
6
7
8
2.5
4
3
1
Bottom View
8
XX.X 0.5 mm XX.XX 0.25 mm
2.54 4 12.7 22.9 3 15.24 1 2.54 5 6 Top View 7 8 o1.2+0.2/0.1
Remote On/Off Control Control Input Control Voltage ON Off > +2.5VDC or Open Circuit > +0.8VDC or Jumper to Pin 3 Pin 1 Control Common Converter Shutdown Idle Current Logic Compatibility Pin 3 10mA CMOS or Open Collector TTL
www.recom-international.com
April-2005
123


▲Up To Search▲   

 
Price & Availability of REC30-4815SRWB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X